PART |
Description |
Maker |
5HFP3.15 5HFP6.3 5HF4 |
Fuses, 3.15A 250V F IEC CERM LEAD FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, 6.3A 250V F IEC CERM LEAD FAST BLOW ELECTRIC FUSE, 6.3A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, 4A 250V F IEC CERM 5X20 FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER
|
Bel Fuse, Inc. Winbond Electronics, Corp.
|
5VT6.3-R 5VT3.15-R 5VTP3.15-R |
Fuses, RoHS 6.3A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 6.3A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 3.15A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), THROUGH HOLE
|
Bel Fuse, Inc. BEL FUSE INC
|
3SBP5-R |
Fuses, RoHS 5A 250V SB GLASS LEADED
|
BEL FUSE INC
|
MJS1.25-R MJS400-R MJS2-R |
Fuses, RoHS 1.25A 250V SB 5X15 BULK ELECTRIC FUSE, 1.25A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 400mA 250V SB 5X15 BULK Fuses, RoHS 2A 250V SB 5X15 BULK
|
Bel Fuse, Inc. BEL FUSE INC
|
.16.160 21606.3 21601.6 216.200 216004 |
MINI STEREO HEAD PHONE EXTENSION CORD 10FT 轴向引线和墨盒保险丝- IEC标准设计 Axial Lead and Cartridge Fuses - Designed to IEC Standard 轴向引线和墨盒保险丝- IEC标准设计 Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:8-2 Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc.
|
MDL-3.81-H |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
CMD-3.81-HF |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
MRM3-P |
Standard : UL - IEC 300V - 250V 5A - 10A
|
Eldeco Srl
|
BLT52-V |
Standard : UL - IEC 300V - 250V 16A - 17.5A
|
Eldeco Srl
|
KWS-R-20 KWS-R-1 KWS-R-10 KWS-R-15 KWS-R-25 KWS-R- |
250V KWN-R and 600V KWS-R Class RK1 fuses
|
Cooper Bussmann, Inc.
|
216.630 21606.3 216.063 21601.6 2163.15 216.050 21 |
Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
LITTELFUSE[Littelfuse]
|
|